Part Number Hot Search : 
00103 IS42S 1NITN TCRC0912 P4VM800 2N297 WRB0512 7106Y
Product Description
Full Text Search
 

To Download RVQ20N15FB100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RVQ20N Series
TOCOS
PA N E L C O N T R O L S
(R)
Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N
Features
Long life 20mm diameter, single-turn industrial panel controls Carbon film element Single unit, single shaft 1,000,000 cycle rotational life Linear taper Independent linearity, 5% max. Plastic bushing, metal shaft Panel mount style 6mm diameter shafts in slot or flat end styles Standard 15mm or 20mm shaft length Right angle ear-lug terminals Higher rotational torque (50 to 200 gf*cm) available as special order
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . 2.5k to 200k Resistance Tolerance . . . . . . . . . . . . . . . . . 20% standard End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 max. Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . . B = linear Independent Linearity . . . . . . . . . . . . . . . . . . . . Power Rating . . . . . . . . . 0.5 watt at 5% max. 80 C Peak Noise (C.R.V.) . . . . . . . . . . . . . . . . . . . . . . . . 2% max. 40 C, 0 watt at Maximum Input Voltage . . . . . . . . 250VDC or power rating, whichever is smaller Insulation Resistance . . . . . . . 100M minimum at 500VDC Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 220 10
Environmental
Temperature Range . . . . . . . . . . . . . . . . . . Temperature Characteristics . . . . . . . . . . . 10 C to 80 C 80 C, 5 hours T/R ) 10%
Temperature Cycle . . . . . . . . . . . . . . . . . . . . 10 C , 80 C, 30 minutes each, 5 cycles T/R ) 10% Load Life . . . . . . . . . . . . . . . . . . 40 C, 0.5 watt, 1,000 hours T/R ) 10% 40 C, 90-95%RH, 0.5 watt, 500 hours T/R ) 10%
Moisture and Load Life . . . . . . . . . . . .
Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude, 3 directions, 2 hours each T/R ) 2.5% Soldering Heat Resistance . . . . . . . 350 C 5 C, 3 seconds T/R ) 2%
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 240 10 Shaft Torque . . . . . . . . . . . . . . 50 gf* cm (0.693 oz*in) max. Stop Strength . . . . . . . . . . . . . 9 kgf* cm (124.76 oz*in) min. Shaft Strength (push) . . . . . . . . . . . . . . . 29.4 N (3 kgf ) min. Shaft Strength (tensile) . . . . . . . . . . . . . 29.4 N (3 kgf ) min. Shaft End Play . . . . . . . . 0.4 (shaft length/30) mm max. Mounting Nut Torque . . . . . . . . 5 kgf* cm (69.31 oz*in) min. Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 5 seconds Marking . . . . . . . . . . . . . Model type, taper, resistance code, shaft type, terminal identification, date code
Rotational Life . . . . . . . . . . . . 1,000,000 cycles without load T/R ) 10%
T/R = Total Resistance Change
Note: A long life panel control should only be used in a circuit as a potentiometer (3-terminal voltage divider ).
94
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
RVQ20N Series
RVQ20N
Panel Mount, Single Unit, Single Shaft Right Angle Ear-Lug Terminals
Dimensions
Unit: mm
Recommended Panel Mounting Holes
Part Numbering System
RV Q 20 N 15 S B 103 M
NOTE: FMS = From Mounting Surface
Resistance Tolerance: M =
20% (standard).
Resistance Code: Expressed in ohms. A three digit code where the first two digits are significant figures, and the third digit indicates the number of zeros that follow these figures (i.e., 100 = 10; 101 = 100; 102 = 1,000; 103 = 10,000; 104 = 100,000 ). See table for standard resistance values. Resistance Taper: B = Linear. Shaft End Style: S = Slotted (standard for 15mm or 20mm shaft length). F = Flatted (special order for 20mm shaft length only). Standard Shaft Length: 15 = 15 mm FMS. 20 = 20mm FMS. Up to 30mm shaft length available (special order ). Style: N = Panel Mount, Single Unit, Single Shaft, Right Angle Ear-Lug Terminals. Size: 20 = 20mm Diameter. Rotational Life: Q = Long Life, 1,000,000 cycles. TOCOS Series Name: RV = Carbon Film Element.
Standard Resistance Values and Part Numbering Codes
Standard Nominal Total Resistance Values and Part Numbering Codes
Resistance ( ) 2,500 5,000 Code 252 502 Resistance ( ) 10,000 20,000 50,000 Code 103 203 503 Resistance ( ) 100,000 200,000 Code 104 204
Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability. For additional information, refer to Guidelines and Precautions for Using Panel Controls.
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
95


▲Up To Search▲   

 
Price & Availability of RVQ20N15FB100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X